features trenchfet power mosfet 175 c maximum junction temperature 100% r g tested SUD40N08-16 product summary v ds (v) r ds(on) ( ) i d (a) 80 0.016 @ v gs = 10 v 40 d g s n-channel mosfet to-252 s gd top view drain connected to tab ordering information: SUD40N08-16 SUD40N08-16?e3 (lead free) absolute maximum ratings (t a = 25 c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 80 v gate-source voltage v gs 20 v continuous drain current (t j = 175 c) b t c = 25 c i d 40 continuous drain current (t j = 175 c) b t c = 125 c i d 30 pulsed drain current i dm 60 a continuous source current (diode conduction) i s 40 avalanche current i ar 40 repetitive a valanche energy (duty cycle 1%) l = 0.1 mh e ar 80 mj maximum power dissipation t c = 25 c p 136 b w maximum power dissipation t a = 25 c p d 3 a w operating junction and storage temperature range t j , t stg ? 55 to 175 c thermal resistance ratings parameter symbol typical maximum unit jtitabit a t 10 sec r 15 18 junction-to-ambient a steady state r thja 40 50 c/w junction-to-case r thjc 0.85 1.1 c/w notes a. surface mounted on 1? x1? fr4 board. b. see soa curve for voltage derating. n-channel 80 v (d-s) 175 c mosfet www.freescale.net.cn 1 / 5
specifications (t j = 25 c unless otherwise noted) parameter symbol test condition min typ a max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 80 v gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na v ds = 80 v, v gs = 0 v 1 zero gate voltage drain current i dss v ds = 80 v, v gs = 0 v, t j = 125 c 50 a g dss v ds = 80 v, v gs = 0 v, t j = 175 c 250 on-state drain current b i d(on) v ds = 5 v, v gs = 10 v 60 a v gs = 10 v, i d = 40 a 0.013 0.016 drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 40 a, t j = 125 c 0.027 ds(on) v gs = 10 v, i d = 40 a, t j = 175 c 0.037 forward transconductance b g fs v ds = 15 v, i d = 40 a 45 s dynamic a input capacitance c iss 1960 output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 370 pf reverse transfer capacitance c rss 200 total gate charge c q g 42 60 gate-source charge c q gs v ds = 40 v, v gs = 10 v, i d = 40 a 7 nc gate-drain charge c q gd ds , gs , d 13 gate resistance r g 0.5 2.7 turn-on delay time c t d(on) 12 20 rise time c t r v dd = 40 v, r l = 1.0 52 80 ns turn-off delay time c t d(off) v dd = 40 v , r l = 1 . 0 i d 40 a, v gen = 10 v, r g = 2.5 25 38 ns fall time c t f 10 15 source-drain diode ratings and characteristic (t c = 25 c) pulsed current i sm 60 a diode forward voltage b v sd i f = 40 a, v gs = 0 v 1.0 1.5 v source-drain reverse recovery time t rr i f = 40 a, di/dt = 100 a/ s 45 70 ns notes a. guaranteed by design, not subject to production testing. b. pulse test; pulse width 300 s, duty cycle 2%. c. independent of operating temperature. www.freescale.net.cn 2 / 5 SUD40N08-16 n-channel 80 v (d-s) 175 c mosfet
typical characteristics (25 c unless noted) 0 20 40 60 80 0 20406080100 0 500 1000 1500 2000 2500 3000 0 20406080 output characteristics transfer characteristics capacitance gate charge transconductance on-resistance vs. drain current v ds ? drain-to-source voltage (v) ? drain current (a) i d v gs ? gate-to-source voltage (v) ? drain current (a) i d ? gate-to-source voltage (v) ? on-resistance ( q g ? total gate charge (nc) i d ? drain current (a) v ds ? drain-to-source voltage (v) c ? capacitance (pf) r ds(on) ) v gs ? transconductance (s) g fs 0 20 40 60 80 100 0246810 0 4 8 12 16 20 0 1530456075 0.00 0.01 0.02 0.03 0.04 0 20406080100 0 20 40 60 80 100 01234567 ? 55 c t c = 125 c v ds = 10 v i d = 40 a v gs = 10 thru 7 v 5 v v gs = 10 v t c = ? 55 c 25 c 125 c c oss c iss i d ? drain current (a) 6 v 25 c c rss 3, 4 v www.freescale.net.cn 3 / 5 SUD40N08-16 n-channel 80 v (d-s) 175 c mosfet
typical characteristics (25 c unless noted) 0.0 0.4 0.8 1.2 1.6 2.0 2.4 ? 50 ? 25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage t j ? junction temperature ( c) v sd ? source-to-drain voltage (v) ? source current (a) i s 100 1 0.01 0.3 0.6 0.9 1.2 v gs = 10 v i d = 40 a 0 0.1 10 t j = 25 c t j = 150 c r ds(on) ? on-resiistance (normalized) thermal ratings safe operating area v ds ? drain-to-source voltage (v) ? drain current (a) i d 10 0.1 0.1 1 10 100 limited by r ds(on) 1 1000 normalized thermal transient impedance, junction-to-case square wave pulse duration (sec) 2 1 0.1 0.01 10 ? 4 10 ? 3 10 ? 2 10 ? 1 110 normalized effective transient thermal impedance maximum avalanche drain current vs. case t emperature t c ? case temperature ( c) ? drain current (a) i d 0 10 20 30 40 50 0 25 50 75 100 125 150 175 0.2 0.1 duty cycle = 0.5 10 ms 100 ms 1 s, dc 30 100 s 10 s 1 ms 0.05 0.02 single pulse 100 t c = 25 c single pulse www.freescale.net.cn 4 / 5 SUD40N08-16 n-channel 80 v (d-s) 175 c mosfet
www.freescale.net.cn 5 / 5 disclaimer material category policy all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. freestyle intertechnology, inc., its affiliates, agents, and employees, and all persons acting on it s or their behalf (collectively, ?freestyle?), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other disclosure relating to any product. freestyle makes no warranty, representation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on freestyle?s knowledge of typical requirements that are often placed on freestyle products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customer?s responsib ility to validate that a particular product with the properties described in the product specification is suitable for use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customer?s technical experts. product specifications do not expand or otherwise modify freestyle?s terms and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, freestyle products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the freestyle product could result in personal injury or death. customers using or selling freestyle products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold freestyle and its distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay freestyle intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the european parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some freestyle documentation may still make reference to rohs directive 2002/95/ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. SUD40N08-16 n-channel 80 v (d-s) 175 c mosfet
|